Part Number Hot Search : 
3ZBTR NTE855 130006 MCP4902 MAX335 APW7116 D134ERW 28TD15
Product Description
Full Text Search
 

To Download 1SMA5913A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SMA5913A - 1SMA5957A
VZ : 3.3 - 240 Volts PD : 1.5 Watts
FEATURES :
* Complete Voltage Range 3.3 to 240 Volts * High peak reverse power dissipation * High reliability * Low leakage current * Pb / RoHS Free
SURFACE MOUNT SILICON ZENER DIODES
SMA-L
1.3 0.2 5.4 0.2 4.4 0.2 2.3 0.2
1.8 0.2 2.7 0.2
MECHANICAL DATA :
* Case : SMA-L Molded plastic * Epoxy : UL94V-O rate flame retardant * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.060 gram (Approximately)
1.8 0.2
Dimensions in millimeter
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified
Rating
DC Power Dissipation (Note1) Maximum Forward Voltage at I F = 200 mA Maximum Thermal Resistance Junction to Ambient Air (Note2) Junction Temperature Range Storage Temperature Range
Note : 2 (1) TL = Lead temperature at 5.0 mm ( 0.013 mm thick ) copper land areas
Symbol
PD VF RJA TJ TS
Value
1.5 1.5 130 - 55 to + 175 - 55 to + 175
Unit
W V K/W C C
Fig. 1 POWER TEMPERATURE DERATING CURVE PD, MAXIMUM DISSIPATION (WATTS) 1.5 1.2 0.9 0.6 0.3 0 0 25 50 75 100 125 150 175 5.0 mm2 ( 0.013 mm thick ) copper land areas.
TL, LEAD TEMPERATURE (C)
Page 1 of 2
Rev. 01 : February 6, 2006
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Nominal Zener Voltage VZ @ IZT IZT (V) 1SMA5913A 1SMA5914A 1SMA5915A 1SMA5916A 1SMA5917A 1SMA5918A 1SMA5919A 1SMA5920A 1SMA5921A 1SMA5922A 1SMA5923A 1SMA5924A 1SMA5925A 1SMA5926A 1SMA5927A 1SMA5928A 1SMA5929A 1SMA5930A 1SMA5931A 1SMA5932A 1SMA5933A 1SMA5934A 1SMA5935A 1SMA5936A 1SMA5937A 1SMA5938A 1SMA5939A 1SMA5940A 1SMA5941A 1SMA5942A 1SMA5943A 1SMA5944A 1SMA5945A 1SMA5946A 1SMA5947A 1SMA5948A 1SMA5949A 1SMA5950A 1SMA5951A 1SMA5952A 1SMA5953A 1SMA5954A 1SMA5955A 1SMA5956A 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 (mA) 113.6 104.2 96.1 87.2 79.8 73.5 66.9 60.5 55.1 50.0 45.7 41.2 37.5 34.1 31.2 28.8 25.0 23.4 20.8 18.7 17.0 15.6 13.9 12.5 11.4 10.4 9.6 8.7 8.0 7.3 6.7 6.0 5.5 5.0 4.6 4.1 3.7 3.4 3.1 2.9 2.5 2.3 2.1 1.9 Maximum Zener Impedance ZZK @ IZK () 500 500 500 500 500 500 500 200 200 400 400 500 500 550 550 550 600 600 650 650 650 700 700 750 800 850 900 950 1000 1100 1300 1500 1700 2000 2500 3000 3100 4000 4500 5000 6000 6500 7000 8000 Maximum Reverse Leakage Current IR @ VR (A) 100 75 25 5.0 5.0 5.0 5.0 5.0 50 50 50 50 50 50 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 (V) 1.0 1.0 1.0 1.0 1.5 2.0 3.0 4.0 5.2 6.0 6.5 7.0 8.0 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 83.6 91.2 98.8 114.0 121.6 136.8 152.0 182.4 Maximum DC Zener Current IZM (mA) 454 416 384 348 319 294 267 241 220 200 182 164 150 136 125 115 100 93 83 75 68 62 55 50 45 41 38 34 31 29 26 24 22 20 18 16 15 13 12 11 10 9.0 8.0 7.0 6.0
TYPE
ZZT @ IZT () 10 9.0 7.5 6.0 5.0 4.0 2.0 2.0 2.5 3.0 3.5 4.0 4.5 5.5 6.5 7.0 9.0 10 12 14 17.5 19 23 26 33 38 45 53 67 70 86 100 120 140 160 200 250 300 380 450 600 700 900 1200
IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
1SMA5957A 240 1.5 1600 9000 0.25 Note : ( 1 ) Suffix "A " indicates 10% tolerance, suffix " B " indicates 5% tolerance.
Page 2 of 2
Rev. 01 : February 6, 2006


▲Up To Search▲   

 
Price & Availability of 1SMA5913A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X